Part Number Hot Search : 
GA128 AX114E UPD70 AV0732E IR94559 70020 20ETTTS 70020
Product Description
Full Text Search
 

To Download RFLW3S2000CMNT0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rflw 3n www.vishay.com vishay electro-films revision: 17-sep-13 1 document number: 61057 for technical questions, contact: efi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high frequency wire bondable rf spiral inductor, 0.030" x 0.030" rflw series of thin film spiral inductors on quartz are designed for rf circuits th at require wire bondable components. high precision eq uivalent circuit modeling enables accurate computer simulation of component performance. measured s parame ter files are also available upon request. in many rf applications, co rrect component selection is achieved through experimentatio n. to help designers during the design process, a sample kit of standard values is available. additional values and form factors available upon request. features ? high frequency ? wire bond assembly ? small size: 0.030" x 0.030" x 0.020" ? low dcr, high q ? low parasitic capacitance, high srf ? equivalent circuit model enclosed ? s parameter files av ailable for download ? sample kit available ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? rf choking for dc biasing ? rf tuning circuits ? lumped element filters ? ? ? notes (1) custom values available upon request. see custom design section below. (2) main source of value tolerance is due to variation in wire bonds. see test fixture section below. (3) maximum rated power of 125 mw at 70 c, li nearly de-rated to zero at 125 c. note (4) including the added inductance and resi stance of typical bond wires at 250 mhz. see equivalent ci rcuit section below. standard electrical specifications parameter value unit inductance range (1) 0.003 to 0.03 h tolerance (2) 20 % max. power handling (3) 125 mw operating temperature - 55 to + 125 c storage temperature - 55 to + 125 c stability, 1000 h, + 125 c, 125 mw 2.0 max. ? r / r % esd: aec-q200-002, component classifi cation 5b (up to 16 kv) 5.0 max. ? r / r % rf characteristics - typical values part number inductance (nh) dcr ( ? ) in-circuit inductance (4) (nh) in-circuit dcr (4) ( ? ) q (unitless) srf (ghz) 250 mhz 1000 mhz 250 mhz 1000 mhz rflw3n3900c 3.9 3.9 0.3 5 0.4 14 17 > 6 rflw3n6700c 6.7 6.7 0.6 8 0.7 13 16 > 6 rflw3n9000c 9 9 1.0 10 1.1 12 15 > 6 rflw3n1100b 11 11 1.2 12 1.3 11 14 > 6 rflw3n2000b 20 20 1.6 21 1.7 12 12 > 6 rflw3n3000b 30 30 2.5 31 2.6 13 13 > 6
rflw 3n www.vishay.com vishay electro-films revision: 17-sep-13 2 document number: 61057 for technical questions, contact: efi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 equivalent circuit the inductors spiral trace presents a substantial amount of se ries resistance, and the close spacing of spiral turns present measurable amounts of stray capacitance that interact with the inductive characteristics. for accurate modeling of the rflw compone nt in-circuit performance, measured s parameter files are available upon request. another useful tool commonly used to model the behavior of el ectronic components at high frequency is the equivalent circuit model. while the equivalent circui t model accurately predicts the reactive part of the total impedance, it fails to determine t he real part of the response at high frequenc y. this is due to the fact that the model does not include skin and proximity effects that significantly increase the real part of the impedance as the frequency rises. dimensions in inches (millimeters) length width thickness bond pad diameter 0.030 (0.75) 0.003 0.030 (0.75) 0.003 0.020 (0.5) 0.001 4 (0.1) mechanical specifications chip substrate material quartz conductor material gold conductor thickness 5 m 20 % bond pad diameter 0.004" global part number information global part number: rflw3n2000bmnt0 global part number description: r flw 30 x 30 no pass 20 nh 20 % t0 model size passivation inductance (nh) inductance multiplier code tolerance code special packaging code rflw 3 = 30 x 30 5 = 50 x 50 s = silicon nitride n = none first 4 digits are significant figures of capacitance c = 0.001 b = 0.01 a = 0.1 m = 20 % l = 25 % n = none waffle ws = 100 min., 1 mult tape and reel t0 = 100 min., 100 mult t1 = 1000 min., 100 mult ts = 100 min., 1 mult 0.030 0.001 0.004 ? 0.004 0.004 0.001 0.013 0.013 0.030 3n200 l f r w 0b mn t0
rflw 3n www.vishay.com vishay electro-films revision: 17-sep-13 3 document number: 61057 for technical questions, contact: efi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 equivalent ci rcuit model the equivalent circuit values are presented in the table below: notes (1) dcr tolerance 20 % (2) typical bond wires are approximated as being 1.25 mil in diameter gold, totaling a length of 3 mil. the resistance listed above includes the added effect of the bond wire adhesi on to the circuit board and component. test fixture the results presented in the datasheet we re obtained by assembling the components onto a thin film test fixture using non-conducting epoxy and 1.25 mil diameter gold bond wires. measurements were conducted using an hp 8753e network analyzer with cascade micro-tech air coplanar probes. the parasitic elements of the bond wires are a major contributor to the tolerance of the lower value components. we consider the following bond-wire geometry to be ty pical for the assembly of the rflw pars: text fixture diagram equivalent circuit model - typical values inductance (nh) l dcr ( ? ) (1) shunt capacitance (ff) c r bw (2) ( ? ) l bw (nh) 3.9 0.3 1 1.2 0.09 6.7 0.6 1 1.2 0.09 91.011.20.09 11 1.2 5 1.2 0.09 20 1.6 10 1.2 0.09 30 2.5 11 1.2 0.09 bond wire s piral inductor r bw l bw r l c l: de s ire inductance r: para s itic s elf re s i s tance c: para s itic s hunt capacitance r bw : bond wire s elf re s i s tance l bw : para s itic bond wire inductance 10 mil alumina te s t board, 25 mil thick rflw center pad on inductor s ide pad on inductor au bond wire pad s , 20 mil 2 20 mil 20 mil
rflw 3n www.vishay.com vishay electro-films revision: 17-sep-13 4 document number: 61057 for technical questions, contact: efi@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical component performance inductance vs. frequency quality factor vs. frequency layout considerations the rf spiral inductor is electrically connected to the circ uit by wire bonds. all wire bo nds add parasitic inductance and resistance, as shown in the schematic drawing above. ? it is important to note that setup variations might affect th e performance of the component. sp ecial care must be given to minimize these effects by careful design of the component host circuit board. the following aspects should be considered: ? bond wire length should be mi nimized. the bond wire added inductance can be roughly esti mated at 0.75 nh per mil of 1.25 mil diameter gold wire. ? any ground plane directly under the component will increase th e parasitic shunt capacitance. this will cause self resonance at lower frequencies. ? the epoxy used to attach the component is the limiting factor in power handling. applications that require high power handling are recommended to use high temperature epoxy and to insure adequate heat sinking. custom designed spiral inductors vishay efi will custom design and measure addi tional values and form factors upon request. ? typical inductance density is limited to: ? 110 nh/mm 2 ? it is important to note, that both series resistance and sr f characteristics will degrade as inductance values approach the inductance density limit presented above. inductance (nh) 30 nh 20 nh 11 nh 9 nh 6.7 nh 3.9 nh 40 35 30 25 10 15 20 5 0 10 100 1000 10 000 frequency (mhz) q (unitless) 30 nh 20 18 16 14 8 10 12 6 4 2 0 10 100 1000 10 000 frequency (mhz) 20 nh 9 nh 11 nh 3.9 nh 6.7 nh
legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of RFLW3S2000CMNT0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X